전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80C188EB13 데이터시트(PDF) 45 Page - Intel Corporation

부품명 80C188EB13
상세설명  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EB13 데이터시트(HTML) 45 Page - Intel Corporation

Back Button 80C188EB13 Datasheet HTML 41Page - Intel Corporation 80C188EB13 Datasheet HTML 42Page - Intel Corporation 80C188EB13 Datasheet HTML 43Page - Intel Corporation 80C188EB13 Datasheet HTML 44Page - Intel Corporation 80C188EB13 Datasheet HTML 45Page - Intel Corporation 80C188EB13 Datasheet HTML 46Page - Intel Corporation 80C188EB13 Datasheet HTML 47Page - Intel Corporation 80C188EB13 Datasheet HTML 48Page - Intel Corporation 80C188EB13 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
BUS CYCLE WAVEFORMS
Figures 17 through 23 present the various bus cy-
cles that are generated by the processor What is
shown in the figure is the relationship of the various
bus signals to CLKOUT These figures along with
the information present in AC Specifications allow
the user to determine all the critical timing analysis
needed for a given application
272433 – 18
NOTE
Pin names in parentheses apply to 80C188EB80L188EB
Figure 17 Read Fetch and Refresh Cycle Waveforms
45
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59