전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AWP2-24-7240-T-R 데이터시트(PDF) 1 Page - Assmann Electronics Inc.

부품명 AWP2-24-7240-T-R
상세설명  IDC-Socket, Pitch 2.0MM, 24 Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASSMANN [Assmann Electronics Inc.]
홈페이지  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AWP2-24-7240-T-R 데이터시트(HTML) 1 Page - Assmann Electronics Inc.

  AWP2-24-7240-T-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29.25MM±0.2MM
29.25MM±0.2MM
22.0MM±0.1MM
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AWP2-24-7240-T-R
IDC-Socket, Pitch 2.0MM, 24 Contacts
Central Guide Lug w/o Strain Relief, Gold Flash
Complaint
RoHS
rev00


유사한 부품 번호 - AWP2-24-7240-T-R

제조업체부품명데이터시트상세설명
logo
Assmann Electronics Inc...
AWP2-20-7241-T ASSMANN-AWP2-20-7241-T Datasheet
69Kb / 1P
IDC Socket - 20 contact
AWP2-26-7241-T ASSMANN-AWP2-26-7241-T Datasheet
69Kb / 1P
IDC Socket - 26 contact
More results

유사한 설명 - AWP2-24-7240-T-R

제조업체부품명데이터시트상세설명
logo
Dubilier
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDCA11A34BG1 DUBILIER-DBCIDCA11A34BG1 Datasheet
96Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
IDC IDC CABLE SOCKET
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
logo
Assmann Electronics Inc...
AWP2-12-7240-T-R ASSMANN-AWP2-12-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 12 Contacts
AWP2-30-7240-T-R ASSMANN-AWP2-30-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 30 Contacts
AWP2-34-7240-T-R ASSMANN-AWP2-34-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 34 Contacts
AWP2-64-7240-T-R ASSMANN-AWP2-64-7240-T-R Datasheet
281Kb / 1P
IDC-Socket, Pitch 2.0MM, 64 Contacts
AR24-HGW-T-R ASSMANN-AR24-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 24 Pin, Wire Wrap
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com