전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2995 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN2995
상세설명  Demonstration board user guidelines
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2995 데이터시트(HTML) 3 Page - STMicroelectronics

  AN2995 Datasheet HTML 1Page - STMicroelectronics AN2995 Datasheet HTML 2Page - STMicroelectronics AN2995 Datasheet HTML 3Page - STMicroelectronics AN2995 Datasheet HTML 4Page - STMicroelectronics AN2995 Datasheet HTML 5Page - STMicroelectronics AN2995 Datasheet HTML 6Page - STMicroelectronics AN2995 Datasheet HTML 7Page - STMicroelectronics AN2995 Datasheet HTML 8Page - STMicroelectronics AN2995 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AN2995
Board layout
Doc ID 15840 Rev 1
3/13
2
Board layout
The board has the following physical characteristics.
●
Board dimensions: 2080 x 1900 mils (52.8 x 48.3 mm).
●
2-layer PCB.
For Vout, Vin1 and Vin2, male SMB or 2-mm female connectors can be implemented. You
can also implement test points on these three voltages to facilitate visualization of your
signals.
Figure 2 shows the top and bottom layers of the board.
Figure 2.
Top and bottom layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13