전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2995 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN2995
상세설명  Demonstration board user guidelines
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2995 데이터시트(HTML) 4 Page - STMicroelectronics

  AN2995 Datasheet HTML 1Page - STMicroelectronics AN2995 Datasheet HTML 2Page - STMicroelectronics AN2995 Datasheet HTML 3Page - STMicroelectronics AN2995 Datasheet HTML 4Page - STMicroelectronics AN2995 Datasheet HTML 5Page - STMicroelectronics AN2995 Datasheet HTML 6Page - STMicroelectronics AN2995 Datasheet HTML 7Page - STMicroelectronics AN2995 Datasheet HTML 8Page - STMicroelectronics AN2995 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Possible configurations
AN2995
4/13
Doc ID 15840 Rev 1
3
Possible configurations
This chapter provides instructions on how to set-up the board with several typical
configurations.
●
Figure 3: low-pass Sallen-Key configuration
●
Figure 4: high-pass Sallen-Key configuration
●
Figure 5: differential amplifier configuration
●
Figure 6: in-loop compensation configuration
●
Figure 7: out-of-loop compensation configuration
●
Figure 8: AC-coupled configuration
You can also connect several boards together if you need to evaluate more complicated
schematics using several operational amplifiers.
3.1
Low-pass Sallen-Key configuration
The low-pass Sallen-Key configuration is a second-order filter configuration. Z4 and Z9 are
used to set the gain.
Fc = 1/(2*PI*sqrt(Z1*Z2*C5*C6))
Z7, Z8, Z12 and Z14 must be "not connected". Z3 and Z13 must be shorted.
Figure 3.
Low-pass Sallen-Key configuration
3.2
High-pass Sallen-Key configuration
Like the low-pass Sallen Key configuration, this is also a second-order filter configuration.
Z4 and Z9 are used to set the gain.
Fc = 1/(2*PI*sqrt(C1*C2*Z5*Z6))
Z7, Z8, Z12 and Z14 must be "not connected". Z3 and Z13 must be shorted.
Vout
Vin1
Z9
Z5
Z2
Z1
Z6
Z4
AM04502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13