전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4451 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 AN4451
상세설명  Signal conditioning for a UV sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4451 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button AN4451 Datasheet HTML 7Page - STMicroelectronics AN4451 Datasheet HTML 8Page - STMicroelectronics AN4451 Datasheet HTML 9Page - STMicroelectronics AN4451 Datasheet HTML 10Page - STMicroelectronics AN4451 Datasheet HTML 11Page - STMicroelectronics AN4451 Datasheet HTML 12Page - STMicroelectronics AN4451 Datasheet HTML 13Page - STMicroelectronics AN4451 Datasheet HTML 14Page - STMicroelectronics AN4451 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN4451
Conclusion
DocID025985 Rev 1
13/15
5
Conclusion
UV sensors provide an extremely small current depending of the level of UV radiation. To
convert this current to an adequate voltage, a transimpedance amplifier is used. Then, an
ADC can convert the signal into the digital domain. For this kind of application, it is
important to choose a CMOS rail-to-rail amplifier with a low Vio to avoid inducing big errors
on the output. The OA1MPA is a good option for such a UV sensor application. However,
stability must be also taken into account and the right components must be chosen,
particularly the feedback capacitor Cf which helps to stabilize the system, limit bandwidth,
and reduce noise.
Benefit from a wide portfolio of analog switches, voltage references, temperature sensors,
pressure
sensors,
or
microcontrollers
to
develop
your
application,
by
making
STMicroelectronics your one-stop shop as illustrated in Figure 10.
Figure 10: UV sensor evaluation board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15