전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4451 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN4451
상세설명  Signal conditioning for a UV sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4451 데이터시트(HTML) 3 Page - STMicroelectronics

  AN4451 Datasheet HTML 1Page - STMicroelectronics AN4451 Datasheet HTML 2Page - STMicroelectronics AN4451 Datasheet HTML 3Page - STMicroelectronics AN4451 Datasheet HTML 4Page - STMicroelectronics AN4451 Datasheet HTML 5Page - STMicroelectronics AN4451 Datasheet HTML 6Page - STMicroelectronics AN4451 Datasheet HTML 7Page - STMicroelectronics AN4451 Datasheet HTML 8Page - STMicroelectronics AN4451 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AN4451
How does the UV sensor work
DocID025985 Rev 1
3/15
I_Uv
+
-
Vcc
Rf
Vout
Cf
Uv sensor
ADC
Rn
Cn
STM32 microcontroller
1
How does the UV sensor work
A UV sensor works as a photodiode. When a UV source irradiates the sensor, UV radiation
is converted into a small current proportional to the UV radiation. Obviously, the delivered
current depends on the UV sensor used. Formula (1) shows a rough estimation of the
photocurrent (Ip) given for a particular active chip area (AChip).
where:
Achip is the active chip area in m
2
Schip is the chip’s spectral sensitivity in AW
-1
Eλ is the spectral irradiance of the UV light source which can be measured in mWcm-2nm-1
1.1
Signal conditioning of the UV sensor
The UV sensor generates a small current, generally a few nA, which is proportional to the
UV insulation. Figure 1 exhibits a transimpedance amplifier configuration that is used to
convert this current into an adequate voltage that can be read by the ADC of the
microcontroller.
Figure 1: Transimpedance amplifier
The op-amp converts the current generated by the sensor into a voltage thanks to the Rf
resistor. The output voltage sensed by the ADC is theoretically given in formula (2):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15