전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3327 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN3327
상세설명  L9942 back EMF stall detection algorithm
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3327 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN3327 Datasheet HTML 3Page - STMicroelectronics AN3327 Datasheet HTML 4Page - STMicroelectronics AN3327 Datasheet HTML 5Page - STMicroelectronics AN3327 Datasheet HTML 6Page - STMicroelectronics AN3327 Datasheet HTML 7Page - STMicroelectronics AN3327 Datasheet HTML 8Page - STMicroelectronics AN3327 Datasheet HTML 9Page - STMicroelectronics AN3327 Datasheet HTML 10Page - STMicroelectronics AN3327 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID18343 Rev 3
7/22
AN3327
Universal motor concepts
19
2
Universal motor concepts
Motor voltage can be expressed in an equation consisting of three components, Resistive,
Electro-motive, and Inductive.
Equation 1
The Resistive component (RWindings) plays a big part in determining what stall current to
expect. When the motor is not spinning the only thing limiting the current is the winding
resistance.
The inductance of a motor (LWindings) is taken advantage of when PWM signal is applied.
The inductance allows for a constant or smooth phase current when the PWM frequency is
set such that the inductance supports the current in the windings during the PWM off-time.
The BEMF is the voltage that is generated by the motor as the permanent magnet armature
spins inside (or around) the stator. As the rotor spins the windings experience a changing
magnetic field. This changing magnetic field generates the BEMF voltage that is directly
related to the speed of the changing field.
There are two universal concepts in motors that are always true The first is that BEMF is
directly proportional to armature speed and really, nothing else. The back EMF equations
spell this out quite clearly:
Equation 2
Where:
•
N is the number of coil turns
•
B represents the magnetic field
•
A the area encompassed by the motor magnetic field
•ω is the angular speed
Notice that N, B, and A are all constants specific to the motor construction. They do not
change. The end result is that Back EMF (emf) is directly proportional to motor speed (
ωt).
The next universal concept is the relationship between motor torque and motor current.
Again, the equations describe this clearly:
Equation 3
V
Motor
i
Motor
R
Windings
BEMF
L
Windings
di
Motor
dt
-----------------
++
⋅
=
bemf
N
–
BA
ωωt
()
sin
⋅⋅ ⋅ ⋅
=
T
pN
2
π
--------
θI
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com