전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3327 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN3327
상세설명  L9942 back EMF stall detection algorithm
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3327 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN3327 Datasheet HTML 6Page - STMicroelectronics AN3327 Datasheet HTML 7Page - STMicroelectronics AN3327 Datasheet HTML 8Page - STMicroelectronics AN3327 Datasheet HTML 9Page - STMicroelectronics AN3327 Datasheet HTML 10Page - STMicroelectronics AN3327 Datasheet HTML 11Page - STMicroelectronics AN3327 Datasheet HTML 12Page - STMicroelectronics AN3327 Datasheet HTML 13Page - STMicroelectronics AN3327 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
L9942 stall detection methods
AN3327
10/22
DocID18343 Rev 3
3
L9942 stall detection methods
3.1
Current sensing
The L9942 has as part of its feature set the ability to detect stall by looking at motor current
rise time.
During stall, the motor current rises because the BEMF is absent. Lack of BEMF results in
two effects. First, it increases the potential current in a winding at a given voltage per Ohm's
law. Secondly, it increases the rate of change of the current in the windings because the rate
of change of current in an inductor is proportional to the voltage across the inductor. With
little or no BEMF in a motor winding the current both raises and raises quickly.
Figure 6. Typical motor phase winding components
However, the L9942 regulates the motor phase current by turning off the phase when the
preprogrammed current threshold is reached. As a result the motor current does not spike
when the motor is stalled. The duty cycle reduces to something fairly small as the current
control algorithm compensates for the loss of BEMF. So then the L9942 detects a loss of
BEMF by observing and reporting an abnormally low duty cycle for a given commanded
current.
The difficulty with this method is that there are many motor current related parameters that
can move around in the normal operating space of a stepper motor. Things like temperature,
battery voltage and loading or torque can have a dramatic affect on the current regulation
duty cycle. Unfortunately, the operating point at one end of the normal spectrum can look
like a stalled motor at the other end. Overlapping parameters makes it difficult at best to
safely discern a stalled rotor.
To minimize the effects of motor resistance, battery voltage, and temperature the stall
detection algorithm can look directly at BEMF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com