전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3340 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 AN3340
상세설명  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button AN3340 Datasheet HTML 4Page - STMicroelectronics AN3340 Datasheet HTML 5Page - STMicroelectronics AN3340 Datasheet HTML 6Page - STMicroelectronics AN3340 Datasheet HTML 7Page - STMicroelectronics AN3340 Datasheet HTML 8Page - STMicroelectronics AN3340 Datasheet HTML 9Page - STMicroelectronics AN3340 Datasheet HTML 10Page - STMicroelectronics AN3340 Datasheet HTML 11Page - STMicroelectronics AN3340 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical model of a loudspeaker
AN3340
8/24
Doc ID 18453 Rev 1
Rdc can be identified immediately considering the impedance at very low frequencies, for
example, at 20Hz or even at DC.
The effect of Ls is predominant at high frequencies and so this parameter can be measured
at a frequency around 20 kHz.
The remaining three parameters can be calculated considering the property of a parallel
resonant circuit. Rr is the mathematical difference between the peak impedance measured
at the resonant frequency and Rdc, assuming that the term with Ls is negligible.
The last two parameters Cr and Lr can be calculated considering the value of the resonant
frequency and the quality factor of the parallel resonator or simply using two other
frequencies.
The impedance characteristic is important because it provides useful information:
to identify potential overload situations
to optimize the output filter design
to identify the resonant frequency.
The last point is important when the speaker compensation procedure is applied. Due to the
nature of the speaker, the resonant frequency represents the lower limit of the frequency
range that the speaker is able to reproduce efficiently, that is, with good sensitivity.
Figure 5 shows the trace of the impedance of a typical loudspeaker. The impedance peak at
the resonant frequency can be clearly seen in the red trace. The blue trace shows the phase
which is 0° at the resonant frequency.
Figure 5.
Speaker impedance vs frequency
-100
+100
-80
-60
-40
-20
+0
+20
+40
+60
+80
P
H
A
S
E
d
e
g
10
30
12
14
16
18
20
22
24
26
28
Z
O
h
m
10
20k
20
50
100
200
500
1k
2k
5k
10k
f
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com