전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3340 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN3340
상세설명  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 데이터시트(HTML) 3 Page - STMicroelectronics

  AN3340 Datasheet HTML 1Page - STMicroelectronics AN3340 Datasheet HTML 2Page - STMicroelectronics AN3340 Datasheet HTML 3Page - STMicroelectronics AN3340 Datasheet HTML 4Page - STMicroelectronics AN3340 Datasheet HTML 5Page - STMicroelectronics AN3340 Datasheet HTML 6Page - STMicroelectronics AN3340 Datasheet HTML 7Page - STMicroelectronics AN3340 Datasheet HTML 8Page - STMicroelectronics AN3340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AN3340
Overview
Doc ID 18453 Rev 1
3/24
2
Overview
2.1
What is a loud speaker
A loudspeaker, or often called a speaker drive, is an electro-acoustic transducer. It is able to
convert an electrical signal coming from an audio power amplifier into the movement of a
diaphragm. Hence the diaphragm of the speaker moves in accordance with the variations of
the electrical signal to cause pressure waves in the air which the listener detects as sound.
A lot of speaker models and designs are available on the market. The simplest and most
diffused solution consists of a single diaphragm which is able to reproduce a large portion of
the audio frequency range. This sort of device is named a “full-range speaker”. The
frequency response of a full-range speaker and its cost are driving a lot of TV manufacturers
to select this kind solution in a considerable part of their products, mainly in low and mid
level markets.
The audio performance of a full-range speaker can be improved using a multi-way speaker
system where two or more speakers are connected via a filter so that each speaker
reproduces only a specific portion of the audio frequency range. A very diffused example of
this solution is represented by a two-way speaker system where a large diameter speaker
(woofer) reproduces the low frequencies while another speaker manages the mid and high
frequencies. A further step is made using three speakers: a woofer for the low frequencies, a
mid-range speaker for the middle frequencies and a tweeter speaker to reproduce only the
high frequencies.
Of course for, a multi-way solution each speaker must be appropriately driven with the
correct portion of the audio band. For a three-way loud-speaker system, for instance, a low-
pass, a high-pass and a band-pass filter must be designed and implemented to properly
drive each loud speaker. These filters, called crossover filters, can be implemented with
passive or active components.
A passive crossover filter is made using only inductors and capacitors and it is connected
between the output of the power amplifier and the loud-speaker system. It is generally
placed in the speaker cabinet.
In the active solution the crossover filter is implemented using active components, such as
operational amplifiers or DSPs (in a digital system) and it is implemented just following the
pre-amplifier. In this solution each speaker is driven using a dedicated power amplifier. It
can be a very expensive solution.
2.2
Why compensate a loud speaker
In the flat-screen TV market the incessant tendency to reduce the thickness of the TV set
forces the speaker manufactures to design new components with very small dimensions.
The result of this process impacts negatively on the quality of the sound reproduction
because the frequency response of this sort of full-range speaker is very narrow and the
sensitivity is quite low.
In high quality flat-screen TV sets the loud-speaker system is often implemented with a
2.1-channel active solution. Here, two channels are dedicated to reproduce the mid and
high frequencies (for each left and right channel) while the lowest portion of the audio band,
usually below 200 Hz, is reproduced in mono using a single large speaker (a subwoofer)
enclosed in a suitable box. Each speaker is driven with a dedicated power amplifier (five



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com