전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3157 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 AN3157
상세설명  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 17Page - STMicroelectronics AN3157 Datasheet HTML 18Page - STMicroelectronics AN3157 Datasheet HTML 19Page - STMicroelectronics AN3157 Datasheet HTML 20Page - STMicroelectronics AN3157 Datasheet HTML 21Page - STMicroelectronics AN3157 Datasheet HTML 22Page - STMicroelectronics AN3157 Datasheet HTML 23Page - STMicroelectronics AN3157 Datasheet HTML 24Page - STMicroelectronics AN3157 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AN3157
3-phase systems
Doc ID 17105 Rev 1
21/26
A.2.2
Three-wattmeter method
This method is used in a 3-phase four-wire balanced or unbalanced load. The connections
are made with one meter in each line as shown in Figure 15. In this configuration, the total
active power supplied to the load is equal to the sum of the three wattmeter readings.
A.2.3
One wattmeter method
This method is suitable only in 3-phase four-wire balanced loads. The connection of the
wattmeter is similar to the drawing in Figure 15. The total power is equal to three times the
reading of only one wattmeter which is connected between one phase and neutral.
3
2
1
Total
P
P
P
P
+
+
=
Figure 15.
The wattmeter connections in 3-phase four-wire loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26