전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3203 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 AN3203
상세설명  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 20Page - STMicroelectronics AN3203 Datasheet HTML 21Page - STMicroelectronics AN3203 Datasheet HTML 22Page - STMicroelectronics AN3203 Datasheet HTML 23Page - STMicroelectronics AN3203 Datasheet HTML 24Page - STMicroelectronics AN3203 Datasheet HTML 25Page - STMicroelectronics AN3203 Datasheet HTML 26Page - STMicroelectronics AN3203 Datasheet HTML 27Page - STMicroelectronics AN3203 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Electrical performance
AN3203
24/49
Doc ID 17402 Rev 2
4.2
Thermal considerations
This demonstration board has been designed for operation with forced air cooling, very
common in ATX power supply applications. As the component temperatures depend on the
type of fan used and on the airflow path inside the board housing, a thermal map of the
board isn’t significant and has not been taken. When the system works at 25 °C with full
load and no forced air, temperatures are not so high. If a heatsink with lower thermal
resistance for MOSFETs Q201 and Q202 is used, fanless operation may be achieved. For
example, the same shape of the heatsink used for D1, Q1, Q2, D3, Q101, and Q102 could
be used for fanless operation. A picture of this application is shown in Figure 18.
Figure 18.
Fanless board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49