전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3203 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 AN3203
상세설명  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 26Page - STMicroelectronics AN3203 Datasheet HTML 27Page - STMicroelectronics AN3203 Datasheet HTML 28Page - STMicroelectronics AN3203 Datasheet HTML 29Page - STMicroelectronics AN3203 Datasheet HTML 30Page - STMicroelectronics AN3203 Datasheet HTML 31Page - STMicroelectronics AN3203 Datasheet HTML 32Page - STMicroelectronics AN3203 Datasheet HTML 33Page - STMicroelectronics AN3203 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Conducted noise measurements (pre-compliance test)
AN3203
30/49
Doc ID 17402 Rev 2
5
Conducted noise measurements (pre-compliance
test)
Figure 26, 27, 28, and 29 show the conducted noise measurements with peak and average
detection taken at both nominal voltages. All the measurements are performed with full load
output and only consider the worst phase. The average measurements show good margins
with respect to the mask limit (which is the EN55022 CLASS B).
Figure 26.
CE peak measurement@115 Vac and full load
Figure 27.
CE peak measurement @ 230 Vac and full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49