전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3959 데이터시트(PDF) 62 Page - STMicroelectronics

부품명 AN3959
상세설명  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 데이터시트(HTML) 62 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 57Page - STMicroelectronics AN3959 Datasheet HTML 58Page - STMicroelectronics AN3959 Datasheet HTML 59Page - STMicroelectronics AN3959 Datasheet HTML 60Page - STMicroelectronics AN3959 Datasheet HTML 61Page - STMicroelectronics AN3959 Datasheet HTML 62Page - STMicroelectronics AN3959 Datasheet HTML 63Page - STMicroelectronics AN3959 Datasheet HTML 64Page - STMicroelectronics AN3959 Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
Examples of code (TV SoC)
AN3959
62/65
Doc ID 022081 Rev 3
/* Limiter2 attack=+4dB and rease threshold=-2dB*/
// I2C_buf1=0x9d;
// I2Cm_Tx(&I2C_buf1,FFX_L2AR_THRESHOLD,1,FFX_I2C_ADDR);
STA381BWX_OutputConfiguration(STA381BWX_2_0_HP_Config);
STA381BWX_Poweronoff(1);
STA381BWX_SetMasterVolume(0);
STA381BWX_SetLeftVolume(0x60);
STA381BWX_SetRightVolume(0x60);
// STA381BWX_SetSubWooferVolume(0x60);
return;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65