전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4231 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN4231
상세설명  Standby mode exit from FLASH to RAM configuration settings
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4231 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN4231 Datasheet HTML 12Page - STMicroelectronics AN4231 Datasheet HTML 13Page - STMicroelectronics AN4231 Datasheet HTML 14Page - STMicroelectronics AN4231 Datasheet HTML 15Page - STMicroelectronics AN4231 Datasheet HTML 16Page - STMicroelectronics AN4231 Datasheet HTML 17Page - STMicroelectronics AN4231 Datasheet HTML 18Page - STMicroelectronics AN4231 Datasheet HTML 19Page - STMicroelectronics AN4231 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application code structure
AN4231
16/22
DocID024130 Rev 2
Moreover it is necessary to disable the Software Watchdog and to jump to the code in RAM,
to be executed.
All this code is inserted in a section that is copied in the RAM after boot.
RAM Wakeup code function
.section
".ROM_code_to_be_copied", "vax"
.vle
.globl
z4_ram_start_code
.align 4
z4_ram_start_code:
#******************
# Enable SPE in MSR
#******************
mfMSR r6
e_or2is
r6, 0x0200
mtMSR r6
#TLB4 =
pbridgeA
e_lis r3, 0x1004
mtmas0 r3
e_lis
r3, 0xC000
e_or2i
r3, 0x0800
mtmas1 r3
e_lis
r3, 0xC000
e_or2i
r3, 0x000A
mtmas2 r3
e_lis
r3, 0xC000
e_or2i
r3, 0x003F
mtmas3 r3
tlbwe
#TLB6 =
Peripheral Bridge and BAM
#0x6 0xC0000600 0xFFC00028 0xFFC0003F
e_lis r3, 0x1006
mtmas0 r3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22