| 전자부품 데이터시트 검색엔진 |
|
AN4266 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4266 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 76 page ![]() AN4266 Functional safety requirements for application software Doc ID 024283 Rev 2 41/76 Figure 9. Software BISTs to test the multiplexing circuitry (ADC_SWTEST_TEST1) Note: Implementation hint: Presampling can be enabled on a per channel basis through the ADC_x_PSR0 register. ADC_x_PSCR[PREVAL0] selects which reference voltage is used to precharge/discharge the ADC internal capacitor. ADC_x_PSCR[PRECONV] register shall be 0 (See “Analog-to-Digital Converter (ADC)” chapter in the SPC56xL70xx Reference Manual for details on the presampling feature). ADC Reference value 1 pins ADC Reference value 1 pins ADC ADC Presampling phase Open detection: Conversion phase |