| 전자부품 데이터시트 검색엔진 |
|
TN0897 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0897 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 28 page ![]() Address mapping TN0897 16/28 Doc ID 023176 Rev 2 The register width of the ROM area is 8 bit. For products with 16 or 24 bit register width, the eight most significant bits of the memory cell are used. All unused ROM addresses are read as ‘0’. Table 9. ROM address range ROM Address Device Information Access 3FH Reserved(1) 1. ROM address 3FH is unused. An attempt to access this address is recognized as a SDI failure (short to VDD) and causes the device to enter Fail-Safe Mode. 3EH <SPI frame ID> R 04H to 3DH Product specific See product datasheet R 03H <product code 2> R 02H <product code 1> R 01H <silicon version> R 00H <ID Header> R |