| 전자부품 데이터시트 검색엔진 |
|
UM0715 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0715 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 24 page ![]() Basic command UM0715 16/24 Doc ID 15798 Rev 2 ON_TIMER When an event timer is occurred will be called a subroutine at the line number indicated in the parameter line_number.The code returns to the normal statement (after the ON_TIMER command) when a RETURN is encountered. Parameter TIMER timer used (1, 2 or 3). LINE_NUMBER line number where jumping. Usage ON_TIMER TIMER LINE_NUMBER 10 SET_TIMER 1 100 20 START_TIMER 1 0 30 ON_TIMER 1 100 ... 100 ... 110 RETURN ... Table 1. Basic commands (continued) Name Remarks |