| 전자부품 데이터시트 검색엔진 |
|
AN2747 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2747 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 44 page ![]() AN2747 General circuit description 9/44 2 General circuit description 2.1 Block diagram The block diagram of the ballast is shown in Figure 8. The complete circuit is composed of two stages: ● The boost converter which regulates the output voltage and performs the power factor correction. ● The inverter stage composed of a full bridge that converts the DC current coming from the PFC stage into an AC current for the lamp. The operation mode of the full bridge realizes a synchronous buck converter. The full bridge moreover drives the igniter block to generate the high-voltage pulses. Figure 8. 250 W HID lamp ballast - block diagram To generate a square wave current in the lamp, the circuit is driven in the following way: a) When low side device L2 is switched ON, the high side Power MOSFET H1 operates with a high-frequency pulse width modulation (PWM). The duty cycle D is established by a constant-current control circuit. Figure 9. Inductor current during charge phase In this condition the current increases linearly and the voltage across the inductor L is: VIPER12 L6385 L6385 STGF10NB60SD Main STF12NM50N STP20NM50FD ST7FLITE39 74AC00 LM119 TS272I LE50AB Lamp Filter + Bridge L6562 IGNITER STTH8R06DIRG Lamp H2 H1 L2 L1 DC Bus ON ON L I |