전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4356 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN4356
상세설명  Antenna desense on handheld equipment
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4356 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN4356 Datasheet HTML 2Page - STMicroelectronics AN4356 Datasheet HTML 3Page - STMicroelectronics AN4356 Datasheet HTML 4Page - STMicroelectronics AN4356 Datasheet HTML 5Page - STMicroelectronics AN4356 Datasheet HTML 6Page - STMicroelectronics AN4356 Datasheet HTML 7Page - STMicroelectronics AN4356 Datasheet HTML 8Page - STMicroelectronics AN4356 Datasheet HTML 9Page - STMicroelectronics AN4356 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EMI and noise issues
AN4356
6/14
DocID025260 Rev 1
To evaluate the sensitivity losses due to this kind of noise, a TIS (total isotropic sensitivity)
measurement on a standard cell phone has been done. Figure 7 shows the sensitivity of the
phone in the P-GSM 900 band and Figure 8 in the WCDMA band (band VIII). Two measures
have been done, one without USB traffic on the link and one with USB activity.
Figure 7. TIS measurement on P-GSM 900 band with and without USB activity on cell
phone
Figure 8. TIS measurement on WCDMA band VIII with and without USB activity on cell
phone
We can observe an important loss of sensitivity from 3 dB and up to 15 dB in the worst case.
Sensitivities better than -102 dBm to -105 dBm decrease to -90 dBm. These values are
enough to disqualify the phone by an operator.
This phenomenon is called antenna desense.
The first way to prevent it is to shield all the subsets able to generate EMI. Most of the time
it is not sufficient because unwanted frequencies are not precisely targeted.
-80
-90
-100
-110
-120
No USB traffic
USB traffic
P-GSM 900
935.2 MHz
947.4 MHz
959.8 MHz
-80
-90
-100
-110
-120
927.4 MHz
942.4 MHz
957.6 MHz
No USB traffic
USB traffic
-90 dB
Induce disqualification of the handset
WCDMA Band VIII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com