전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4356 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN4356
상세설명  Antenna desense on handheld equipment
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4356 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN4356 Datasheet HTML 6Page - STMicroelectronics AN4356 Datasheet HTML 7Page - STMicroelectronics AN4356 Datasheet HTML 8Page - STMicroelectronics AN4356 Datasheet HTML 9Page - STMicroelectronics AN4356 Datasheet HTML 10Page - STMicroelectronics AN4356 Datasheet HTML 11Page - STMicroelectronics AN4356 Datasheet HTML 12Page - STMicroelectronics AN4356 Datasheet HTML 13Page - STMicroelectronics AN4356 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Solution to avoid antenna desense
AN4356
10/14
DocID025260 Rev 1
Let us see the benefit of these solutions on the USB example shown at the beginning of this
note. Figure 14 and Figure 15 summarizes the results obtained in P-GSM 900 band and
WCDMA band VIII.
Figure 14. Effect of filtering during USB activity on TIS results in P-GSM 900 band
Figure 15. Effect of filtering during USB activity on TIS results in WCDMA (band VIII)
The ECMF improves the TIS in each band up to -7 dBm. If the minimum sensitivity required
is -103 dBm, 70% of the bands are recovered.
-80
-90
-100
-110
-120
No USB traffic
USB traffic without ECMF
P-GSM 900
935.2 MHz
947.4 MHz
959.8 MHz
USB traffic with ECMF
-80
-90
-100
-110
-120
927.4 MHz
942.4 MHz
957.6 MHz
No USB traffic
WCDMA Band VIII
USB traffic without ECMF
USB traffic with ECMF
Disqualified
Qualified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com