전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4511 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN4511
상세설명  Common mode filters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4511 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN4511 Datasheet HTML 5Page - STMicroelectronics AN4511 Datasheet HTML 6Page - STMicroelectronics AN4511 Datasheet HTML 7Page - STMicroelectronics AN4511 Datasheet HTML 8Page - STMicroelectronics AN4511 Datasheet HTML 9Page - STMicroelectronics AN4511 Datasheet HTML 10Page - STMicroelectronics AN4511 Datasheet HTML 11Page - STMicroelectronics AN4511 Datasheet HTML 12Page - STMicroelectronics AN4511 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID026455 Rev 1
9/21
AN4511
The main parameters
21
4
The main parameters
This section shows how to measure the common mode and the differential mode
impedance, see Figure 7. The equipment can be an impedance meter such as the E4991A
from Agilent technology, working up to 3 GHz.
Figure 7. Differential and common mode impedance measurement
Figure 8 shows the variation of impedance versus frequency. Differential impedance at low
frequency represents the sum of inductance resistances of the filter.
Figure 8. Typical common mode and differential mode impedance vs. frequency
(ECMF04-4HSM10)
However, CMF can be chosen by using insertion losses. Two main parameters are defined:
•
SCC21 common mode rejection, the filter efficiency cuts the unwanted noise in a
specific frequency range
•
SDD21 defines the differential bandwidth of the filter, the filter ability to drive the main
signal without distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21