전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4511 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN4511
상세설명  Common mode filters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4511 데이터시트(HTML) 3 Page - STMicroelectronics

  AN4511 Datasheet HTML 1Page - STMicroelectronics AN4511 Datasheet HTML 2Page - STMicroelectronics AN4511 Datasheet HTML 3Page - STMicroelectronics AN4511 Datasheet HTML 4Page - STMicroelectronics AN4511 Datasheet HTML 5Page - STMicroelectronics AN4511 Datasheet HTML 6Page - STMicroelectronics AN4511 Datasheet HTML 7Page - STMicroelectronics AN4511 Datasheet HTML 8Page - STMicroelectronics AN4511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID026455 Rev 1
3/21
AN4511
Single-ended and differential links
21
1
Single-ended and differential links
Single-ended configuration is dedicated to frequencies lower than 300 MHz. For higher data
rates, differential signaling is preferred. One advantage of this method is that the return
current to ground is near zero and there isn’t any ground bounce issue (Figure 1).
Figure 1. Differential signaling
The ideal differential link presents two tracks with tightly-controlled impedance, same length
and perfect symmetry. Radiation, from low to high transition on a track, is canceled by the
radiation from high to low transition on the other track. Therefore, the ideal differential link
does not radiate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21