전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN938 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN938
상세설명  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 3Page - STMicroelectronics AN938 Datasheet HTML 4Page - STMicroelectronics AN938 Datasheet HTML 5Page - STMicroelectronics AN938 Datasheet HTML 6Page - STMicroelectronics AN938 Datasheet HTML 7Page - STMicroelectronics AN938 Datasheet HTML 8Page - STMicroelectronics AN938 Datasheet HTML 9Page - STMicroelectronics AN938 Datasheet HTML 10Page - STMicroelectronics AN938 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AN938
Power supply, UVLO and voltage reference
Doc ID 5410 Rev 10
7/33
2.1
Oscillator, sync and voltage feed-forward
One pin implements the oscillator function with inherent voltage feed-forward. A second pin
is dedicated to in/out synchronization.
A resistor Rosc and a capacitor Cosc, connected as shown in Figure 5, allow the setting of
the desired switching frequency given in Equation 1:
Equation 1
where Fsw is in kHz, Rosc in kΩ and Cosc in nF.
The oscillator capacitor Cosc is discharged by an internal mos transistor of 100 Ω of RDS(on)
(Q1) and during this period the internal threshold is set at 1 V by a second mos, Q2. When
the oscillator voltage capacitor reaches the 1 V threshold, the output comparator turns off
mos Q1 and turns on mos Q2, charging the external capacitor Cosc. The oscillator block,
shown in Figure 5, generates a sawtooth wave signal that sets the switching frequency of
the system.
This signal, compared with the output of the error amplifier, generates the PWM signal that
modulates the conduction time of the power output stage.
The design of the oscillator implements the voltage feed-forward function without any
additional external components.
Figure 6.
Device switching frequency vs. Rosc and Cosc
F
SW
1
R
osc
C
osc
⋅
()In 6
5
---
⎝⎠
⎛⎞
100 C
osc
⋅
+
-----------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com