전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN938 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN938
상세설명  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 데이터시트(HTML) 4 Page - STMicroelectronics

  AN938 Datasheet HTML 1Page - STMicroelectronics AN938 Datasheet HTML 2Page - STMicroelectronics AN938 Datasheet HTML 3Page - STMicroelectronics AN938 Datasheet HTML 4Page - STMicroelectronics AN938 Datasheet HTML 5Page - STMicroelectronics AN938 Datasheet HTML 6Page - STMicroelectronics AN938 Datasheet HTML 7Page - STMicroelectronics AN938 Datasheet HTML 8Page - STMicroelectronics AN938 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
List of figures
AN938
4/33
Doc ID 5410 Rev 10
List of figures
Figure 1.
L4973 demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Pin out - power DIP18 and SO20 packages. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Device block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 4.
Turn-on sequence. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
Oscillator internal circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 6.
Device switching frequency vs. Rosc and Cosc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 7.
Voltage feed-forward function. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 8.
Maximum duty cycle vs. Rosc and Cosc as parameter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 9.
Vo-Io output characteristics - hiccup protection limits output power . . . . . . . . . . . . . . . . . . . 9
Figure 10.
Vo-Io output characteristics - effective pulse-by-pulse protection. . . . . . . . . . . . . . . . . . . . . 9
Figure 11.
Schematic of internal current limiting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 12.
Output current and soft-start voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 13.
Maximum soft-start capacitance with fSW = 100 kHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 14.
Maximum soft-start capacitance with fSW = 200 kHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 15.
Soft-start internal circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 16.
Soft-start time vs. Vo and Css . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 17.
Output rising voltage with Css 680 nF, 470 nF, 330 nF, 220 nF . . . . . . . . . . . . . . . . . . . . 13
Figure 18.
Turn-on and turn-off (pin 2, 3). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 19.
Power stage internal circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 20.
Sync and oscillator waveforms as slave and as master . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 21.
Re-start output voltage when inhibit goes low (Css = 56 nF) . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 22.
Application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 23.
Input capacitance RMS current vs. duty cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 24.
Example of output regulated voltage lower than 3.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 25.
Output voltage vs. R5 using R3 as parameter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 26.
Ideal inductor value requested for 30% ripple current, as a function of max. input voltage
and output (fSW=150 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 27.
Ideal inductor value requested for 30% ripple current, as a function of max. input voltage
and output (fSW=200 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 28.
Ideal ripple voltage as a function of input and output voltage (fSW=150 kHz). . . . . . . . . . . 20
Figure 29.
Output drop (%) vs minimum input voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 30.
Block diagram compensation loop . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 31.
LC output filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 32.
Error amplifier equivalent circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 33.
Gain bode plot, open loop. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 34.
Phase bode plot, open loop . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 35.
Demonstration board (component side) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 36.
Demonstration board (solder side) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 37.
Typical adjustable 0-24 V power supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 38.
Output voltage vs. R4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 39.
Design example for 70 V input supply. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 40.
Up/down converter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 41.
Constant current generator up to 3.5 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 42.
Negative output voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 43.
Negative boost converter. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com