전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1514 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN1514
상세설명  buck-boost converter using VIPer12A-E/22A-E
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1514 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN1514 Datasheet HTML 3Page - STMicroelectronics AN1514 Datasheet HTML 4Page - STMicroelectronics AN1514 Datasheet HTML 5Page - STMicroelectronics AN1514 Datasheet HTML 6Page - STMicroelectronics AN1514 Datasheet HTML 7Page - STMicroelectronics AN1514 Datasheet HTML 8Page - STMicroelectronics AN1514 Datasheet HTML 9Page - STMicroelectronics AN1514 Datasheet HTML 10Page - STMicroelectronics AN1514 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AN1514
VIPer application examples
7/17
A burden resistor is connected across Vout1 in order to perform the regulation on Vout2 when
Vout1 is in open load condition. Such a resistor greatly improves the regulation with a slight
impact on the efficiency.
The output rectifier diodes are both fast diodes: D1 is a high voltage diode since it has to
sustain a reverse voltage given by the input DC bus voltage while D2 is a low voltage diode.
The part list of the proposed circuit is given in Table 2. In Figure 4 the board layout is shown
and Figure 5 shows the lab prototype.
Table 2.
Component list
Reference
Value
Description
Rr
10
Ω 1/2 W
Rf
10 K
Ω 1/4 W
Rburden
4.7 K
Ω 1/4 W
Cin
4.7 µF, 450 V
Electrolytic capacitor
C1
33 µF, 50 V
Electrolytic capacitor
C2
100 µF, 16 V
Electrolytic capacitor
C3
1 µF, 25 V
Electrolytic capacitor
C4
22 nF
Ceramic capacitor
Dr
Diode 1N4007
D1
Diode BA159 (fast)
D2
Diode 1N4148 (fast)
D3
Diode 1N4004
DZ
22 V Zener
DZ1
27 V Zener
DZ2
5.6 V Zener
L
1.5 mH
Lf
470 µH
Inductor
IC1
STMicroelectronics VIPer12A-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com