전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1514 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN1514
상세설명  buck-boost converter using VIPer12A-E/22A-E
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1514 데이터시트(HTML) 5 Page - STMicroelectronics

  AN1514 Datasheet HTML 1Page - STMicroelectronics AN1514 Datasheet HTML 2Page - STMicroelectronics AN1514 Datasheet HTML 3Page - STMicroelectronics AN1514 Datasheet HTML 4Page - STMicroelectronics AN1514 Datasheet HTML 5Page - STMicroelectronics AN1514 Datasheet HTML 6Page - STMicroelectronics AN1514 Datasheet HTML 7Page - STMicroelectronics AN1514 Datasheet HTML 8Page - STMicroelectronics AN1514 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN1514
Off-line double output converters
5/17
1
Off-line double output converters
In these circuits the first output is obtained using the standard buck or buck-boost topology,
while the second output is obtained by means of a second winding on the main inductor.
This output is directly coupled with the first one in flyback mode and its value is given by the
turns ratio n. The inductor is still low cost since a drum core can be used and the coupling
between the two windings is not as critical as in a flyback converter. The electrical
schematics of both configurations are shown in Figure 1 and Figure 2.
2
VIPer application examples
In this section two VIPerX2A-E application examples are introduced:
1.
Double output buck converter 24 V at 30 mA, 5 V at 50 mA
2.
Double output buck-boost converter (-24 V) at 250 mA, (-5 V) at 70 mA.
Figure 1.
Double output buck topology
Figure 2.
Double output buck-boost topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com