전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1625 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN1625
상세설명  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 3Page - STMicroelectronics AN1625 Datasheet HTML 4Page - STMicroelectronics AN1625 Datasheet HTML 5Page - STMicroelectronics AN1625 Datasheet HTML 6Page - STMicroelectronics AN1625 Datasheet HTML 7Page - STMicroelectronics AN1625 Datasheet HTML 8Page - STMicroelectronics AN1625 Datasheet HTML 9Page - STMicroelectronics AN1625 Datasheet HTML 10Page - STMicroelectronics AN1625 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7/39
AN1625 APPLICATION NOTE
Figure 6. Two situations that must be avoided.
2.5 Sensing Resistor
Motor winding current flows through the sensing resistor, causing a voltage drop that is used, by the logic, to
control the peak value of the load current. Two issues must be taken into account when choosing the RSENSE
value:
s
The sensing resistor dissipates energy and provides dangerous negative voltages on the SENSE pins
during the current recirculation. For this reason the resistance of this component should be kept low.
s
The voltage drop across RSENSE is compared to the reference voltage (on Vref pin) by the internal com-
parator. The lower is the RSENSE value, the higher is the peak current error due to noise on Vref pin and
to the input offset of the current sense comparator: too small values of RSENSE must be avoided.
A good compromise is calculating the sensing resistor value so that the voltage drop, corresponding to the peak
current in the load (Ipeak), is about 0.5 V: RSENSE = 0.5 V / Ipeak.
It should be clear that sensing resistor must absolutely be non-inductive type in order to avoid dangerous neg-
ative spikes on SENSE pins. Wire wounded resistors cannot be used here, while Metallic film resistors are rec-
ommended for their high peak current capability and low inductance. For the same reason the connections
between the SENSE pins, C6, C7, VSA, VSB and GND pins (see Figure 5) must be taken as short as possible
(see also the Layout Considerations section).
The average power dissipated by the sensing resistor is:
;
D is the duty-cycle of the PWM current control, Irms is the r.m.s. value of the load current.
Nevertheless, sensing resistor power rating should be chosen taking into account the peak value of the dissi-
pated power:
,
where Ipk is the peak value of the load current.
Using multiple resistors in parallel will help obtaining the required power rating with standard resistors, and re-
GND
GND
GND
GND
SENSEA
SENSEB
VSA
VSB
R5
C7
C6
L6235
DON’T connect the Logic GND here
Voltage drop due to current in sense
path can disturb logic GND.
DON’T put a diode here!
Recirculating current cannot flow into the
bulk capacitor and causes a high voltage
spike that can destroy the IC.
+
-
VS = 8 ÷ 52 V
P
R
I
rms
2
R
SEN SE
D
⋅⋅
≈
P
R
I
pk
2
R
SEN SE
⋅
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com