전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1625 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN1625
상세설명  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 데이터시트(HTML) 5 Page - STMicroelectronics

  AN1625 Datasheet HTML 1Page - STMicroelectronics AN1625 Datasheet HTML 2Page - STMicroelectronics AN1625 Datasheet HTML 3Page - STMicroelectronics AN1625 Datasheet HTML 4Page - STMicroelectronics AN1625 Datasheet HTML 5Page - STMicroelectronics AN1625 Datasheet HTML 6Page - STMicroelectronics AN1625 Datasheet HTML 7Page - STMicroelectronics AN1625 Datasheet HTML 8Page - STMicroelectronics AN1625 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5/39
AN1625 APPLICATION NOTE
2.3 Choosing the Bulk Capacitor
Since the bulk capacitor, placed between VS and GND pins, is charged and discharged during IC operation, its
AC current capability must be greater than the r.m.s. value of the charge/discharge current. This current flows
from the capacitor to the IC during the on-time (tON) and from the IC (during some phase changes; from the
power supply during off-time) to the capacitor during the off-time (tOFF). The r.m.s. value of the current flowing
into the bulk capacitor depends on peak output current, output current ripple, switching frequency, duty-cycle.
It also depends on power supply characteristics. A power supply with poor high frequency performances (or
long, inductive connections to the IC) will cause the bulk capacitor to be recharged slowly: the higher the current
control switching frequency, the higher the current ripple in the capacitor; r.m.s. current in the capacitor, how-
ever, does not exceed the r.m.s. output current. Bulk capacitor value (C) and the ESR determine the amount of
voltage ripple on the capacitor itself and on the IC. Neglecting the output current ripple and assuming that during
the on-time the capacitor is not recharged by the power supply, the voltage at the end of the on-time is
where IOUT is the output current. Usually (if C>100 µF) the capacitance role is much less than the ESR, then
supply voltage ripple can be estimated as
For Example, if a maximum ripple of 500 mV is allowed and IOUT = 2 A, the capacitor ESR should be lower than
Note that additional ripple is due to parasitic inductances on VS PCB tracks (see Voltage Ratings and Operating
Range section).
Actually, current sunk by VSA and VSB pins of the device is subject to higher peaks due to reverse recovery
charge of internal freewheeling diodes. Duration of these peaks is, tough, very short (100÷200 ns) and can be
filtered using a small value (100÷200 nF), good quality ceramic capacitor, connected as close as possible to the
VSA, VSB and GND pins of the IC. Bulk capacitor will be chosen with maximum operating voltage 25% greater
than the maximum supply voltage, considering also power supply tolerances. For example, with a 48 V nominal
power supply, with 5% tolerance, maximum voltage is 50.4 V, then operating voltage for the capacitor should
be at least 63 V.
2.4 Layout Considerations
Working with devices that combine high power switches and control logic in the same IC careful attention has
to be paid to the PCB layout. In extreme cases, Power DMOS commutation can induce noises that could cause
improper operation in the logic section of the device. Noise can be radiated by high dv/dt nodes or high di/dt
paths, or conducted through GND or Supply connections. Logic connections, especially high-impedance nodes
(actually all logic inputs, see further), must be kept far from switching nodes and paths. With the L6235, in par-
ticular, external components for the charge pump circuitry should be connected together through short paths,
since these components are subject to voltage and current switching at relatively high frequency (600 kHz). Pri-
mary mean in minimizing conducted noise is working on a good GND layout (see Figure 5).
V
S
I
OUT
ESR
t
ON
C
---------
+


⋅
–
I
OU T
ESR
⋅
ESR
0.5V
2A
------------
250m
Ω
=
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com