전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2381 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN2381
상세설명  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 5Page - STMicroelectronics AN2381 Datasheet HTML 6Page - STMicroelectronics AN2381 Datasheet HTML 7Page - STMicroelectronics AN2381 Datasheet HTML 8Page - STMicroelectronics AN2381 Datasheet HTML 9Page - STMicroelectronics AN2381 Datasheet HTML 10Page - STMicroelectronics AN2381 Datasheet HTML 11Page - STMicroelectronics AN2381 Datasheet HTML 12Page - STMicroelectronics AN2381 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
AN2381
Electrical connection and board layout hints
9/47
2
Electrical connection and board layout hints
2.1
Electrical connection
The typical electrical connection of the LIS3LV02DL is shown in Figure 2
Figure 2.
LIS3LV02DL electrical connection
The device core is supplied through Vdd line (Vdd typ=2.5V) while the I/O pads are supplied
through Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10
µF Al) should
be placed as near as possible to the pin 13 of the device.
Both the voltage supplies must be present at the same time to have proper behavior of the
IC. It is possible to remove Vdd maintaining Vdd_IO without blocking the communication
bus.
The central die pad and pin #1 indicator are physically connected to GND.
The functionality of the device and the measured acceleration data are
selectable/accessible through the I2C/SPI interface.
When using the I2C, CS must be tied high while SDO must be left floating.
2.2
Power supply and board layout hints
The LIS3LV02DL is designed for a voltage supply spanning from 2.16V up to 3.6V.
The typical current consumption in normal mode at 2.5V is 600
µA.
Adequate power supply decoupling is required to ensure IC performances. The optimum
decoupling is achieved by using two capacitors of different types that target different kinds of
noise on the power supply leads. To attenuate high frequency transients, spikes, or digital
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Vdd_IO
10uF
Vdd
Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO
100nF
GND
LIS3LV02DL
(TOP VIEW)
1
6
7
8
9
14
15
16
Y
1
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com