| 전자부품 데이터시트 검색엔진 |
|
AN2381 데이터시트(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2381 데이터시트(HTML) 14 Page - STMicroelectronics |
|
14 / 47 page ![]() Digital interfaces AN2381 14/47 Figure 3. I2C Subsequences ST: START condition SCL 1111 SDA 1100 SR: Repeated START condition SCL 1111 SDA 1100 SAD: Slave address (binary address: abcdefgh. In LIS3LV02DL "abcdefg" = "0011101") SCL 00110 0110 0110 0110 0110 0110 0110 0110 SDA 0aaaa bbbb cccc dddd eeee f f f f gggg hhhh Bit h=0 => write, h=1 => read SAK: Slave acknowledge (Z means high impedance) SCL 0011 SDA (force) ZZZZ Check that SDA is 0 after SCL=1 SDA (read) XX00 SUB: Sub address (binary address: abcdefgh) SCL 00110 0110 0110 0110 0110 0110 0110 0110 SDA 0aaaa bbbb cccc dddd eeee f f f f gggg hhhh Bit a=0 => do not increment address in multiple mode a=1 => increment address in multiple mode DATA (Master): send DATA byte (binary number: abcdefgh) SCL 00110 0110 0110 0110 0110 0110 0110 0110 SDA 0aaaa bbbb cccc dddd eeee f f f f gggg hhhh DATA (Slave): read DATA byte (binary number: abcdefgh) SCL 00110 0110 0110 0110 0110 0110 0110 0110 SDA (force) ZZZZ ZZZZ ZZZZ ZZZZ ZZZZ ZZZZ ZZZZ ZZZZ SDA (read) a b c d e f g h SP: STOP condition SCL 1111 SDA 0011 MAK: Master Acknowledge SCL 0011 SDA 0000 NMAK: No Master Acknowledge SCL 0011 or 00011 SDA ZZZZ or 1111 |