전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2684 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN2684
상세설명  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN2684 Datasheet HTML 6Page - STMicroelectronics AN2684 Datasheet HTML 7Page - STMicroelectronics AN2684 Datasheet HTML 8Page - STMicroelectronics AN2684 Datasheet HTML 9Page - STMicroelectronics AN2684 Datasheet HTML 10Page - STMicroelectronics AN2684 Datasheet HTML 11Page - STMicroelectronics AN2684 Datasheet HTML 12Page - STMicroelectronics AN2684 Datasheet HTML 13Page - STMicroelectronics AN2684 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
IFP006V1 demonstration board description
AN2684
10/21
Doc ID 14266 Rev 1
4.3
IFP006V1 connectors
The demonstration board is equipped with input and output connectors. Specifically, there
are two input header connectors (J5 and J1), one 4-channel output connector (M1), and a
supply voltage connector (M2).
Both input connectors, J5 and J1, provide the same bidirectional signals guaranteeing the
maximum compatibility with existing STMicroelectronics tools such as the industrial
communication board (see AN2451) and similar products.
Figure 6.
J1 connector pinout
Figure 7.
J5 connector pinout
Table 2.
J1 and J5 pin description
J1 pin number
J5 pin number
Signal
Type
11
1
Vdd
5/3.3 V supply voltage
23
2
GND
Signal ground
9
3
IN1
Input channel 1
13
4
IN2
Input channel 2
15
5
IN3
Input channel 3
17
6
IN4
Input channel 4
6
7
STAT1
Status channel 1
25
8
STAT2
Status channel 2
21
9
STAT3
Status channel 3
19
10
STAT4
Status channel 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21