| 전자부품 데이터시트 검색엔진 |
|
AN2684 데이터시트(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2684 데이터시트(HTML) 15 Page - STMicroelectronics |
|
15 / 21 page ![]() AN2684 IFP006V1 demonstration board description Doc ID 14266 Rev 1 15/21 Table 5. Surge test results Surge standard test routines Level Voltage (V) Acceptance criteria (1) 1. Classification of the test (Criteria A): normal performance (Criteria B): temporary degradation or loss of function or performance with automatic return to normal operation (Criteria C): temporary degradation or loss of function with external intervention to recover normal operation (Criteria D): degradation or loss of function, need replacement of damaged components to recover normal operation. IEC 61000-4-5 Level 1 500 A IEC 61000-4-5 Level 2 1000 A IEC 61000-4-5 Level 3 2000 A |