전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2478 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN2478
상세설명  Normal mode and error detection features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2478 데이터시트(HTML) 4 Page - STMicroelectronics

  AN2478 Datasheet HTML 1Page - STMicroelectronics AN2478 Datasheet HTML 2Page - STMicroelectronics AN2478 Datasheet HTML 3Page - STMicroelectronics AN2478 Datasheet HTML 4Page - STMicroelectronics AN2478 Datasheet HTML 5Page - STMicroelectronics AN2478 Datasheet HTML 6Page - STMicroelectronics AN2478 Datasheet HTML 7Page - STMicroelectronics AN2478 Datasheet HTML 8Page - STMicroelectronics AN2478 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Device description
AN2478
4/21
1
Device description
The STP08DP05 and STP16DP05 are monolithic, low voltage shift registers. The device
contains either an 8-bit (STP08DP05) or a 16-bit (STP16DP05) serial-in, parallel-out shift
register that feeds an 8-bit or 16-bit D-type storage register. Eight or sixteen regulated
currents are present in the output stage that provide 5-80 mA constant current to drive the
LEDs. The secondary device functionality (error detection) provides a status check of the
LEDs to detect any possible error during driving.
Figure 1.
Typical application of STP08DP05 and/or STP16DP05 devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21