전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2565 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN2565
상세설명  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN2565 Datasheet HTML 3Page - STMicroelectronics AN2565 Datasheet HTML 4Page - STMicroelectronics AN2565 Datasheet HTML 5Page - STMicroelectronics AN2565 Datasheet HTML 6Page - STMicroelectronics AN2565 Datasheet HTML 7Page - STMicroelectronics AN2565 Datasheet HTML 8Page - STMicroelectronics AN2565 Datasheet HTML 9Page - STMicroelectronics AN2565 Datasheet HTML 10Page - STMicroelectronics AN2565 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AN2565
Component list
7/29
4M3, M4
> 40 V N-channel
MOSFET
SO-8
ST - STS7NF60L
1
R3
Resistor 1%
20 k
Ω
0805
1
R4
Resistor 1%
47 k
Ω
0805
1
R5
Resistor 1%
2.2 k
Ω
0805
1
R6
Resistor 1%
1.1 k
Ω
0805
2
R7, R8
Resistor 1%
390
Ω
0805
1
R9
Resistor 1%
47
Ω
0805
2
R10, R11
Resistor 1%
10
Ω
0805
4
R12:R15
Resistor 1%
100 k
Ω
0805
1
R16
Resistor 1%
43 k
Ω
0805
1
R17
Resistor 1%
510 k
Ω
0805
2
R18, R19
Resistor 1%
N.M.
0805
4
R20, R21,
R22, R23
Resistor 1%
0
Ω
0805
1
R24
Resistor 1%
1.1 k
Ω
0805
1
R25
Resistor 1%
820
Ω
0805
1
R26
Resistor 1%
3.9
Ω
1206
1
R27
Resistor 1%
10 k
Ω
0805
1
R29
Resistor 1%
10 k
Ω
0805
1
R28
Resistor 1%
27 k
Ω
0805
1
R30
Resistor 1%
10 k
Ω
0805
1
R31
Resistor 1%
N.M:
0603
1
R32
Resistor 1%
N.M.
0603
1
R33
Resistor 1%
N.M.
0805
1
RLD5V,
RLD3V
Resistor
N.M.
0805
Table 1.
Component list (continued)
Qty
Reference
Description
Value
Package
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com