전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2565 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN2565
상세설명  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 데이터시트(HTML) 4 Page - STMicroelectronics

  AN2565 Datasheet HTML 1Page - STMicroelectronics AN2565 Datasheet HTML 2Page - STMicroelectronics AN2565 Datasheet HTML 3Page - STMicroelectronics AN2565 Datasheet HTML 4Page - STMicroelectronics AN2565 Datasheet HTML 5Page - STMicroelectronics AN2565 Datasheet HTML 6Page - STMicroelectronics AN2565 Datasheet HTML 7Page - STMicroelectronics AN2565 Datasheet HTML 8Page - STMicroelectronics AN2565 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Main features
AN2565
4/29
1
Main features
●
Constant on-time control allows very fast load transients
●
6 V to 36 V input voltage range
●
5 V auxiliary output voltage
●
Adjustable switching outputs
●
Lossless current sensing using low side MOSFET RDS(on)
●
Negative current limit
●
Soft-start internally fixed at 2.8 ms
●
Soft-end for output discharge
●
200 kHz / 300 kHz, 300 kHz / 400 kHz, 400 kHz / 500 kHz (OUT1 / OUT2 selectable
switching frequency)
●
Selectable pulse skip and no-audible skip modes at light loads
●
Independent power good signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com