전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2813 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 AN2813
상세설명  TDE1708DFT in IO-Link applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2813 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button AN2813 Datasheet HTML 9Page - STMicroelectronics AN2813 Datasheet HTML 10Page - STMicroelectronics AN2813 Datasheet HTML 11Page - STMicroelectronics AN2813 Datasheet HTML 12Page - STMicroelectronics AN2813 Datasheet HTML 13Page - STMicroelectronics AN2813 Datasheet HTML 14Page - STMicroelectronics AN2813 Datasheet HTML 15Page - STMicroelectronics AN2813 Datasheet HTML 16Page - STMicroelectronics AN2813 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AN2813
Push-pull configuration with TDE1708DFT
Doc ID 14923 Rev 1
13/25
4
Push-pull configuration with TDE1708DFT
The following push-pull driver configuration was designed based on the previous single
driver measurements. In this proposed schematic (see Figure 14) two additional
components (R3, D3) must be added to speed up the turning off of the driver in the low-side
configuration. The resistor R3 creates a weak pull-up while the diode D3 separates the low-
side output from the high-side. The reason for this being that if the low-side driver is forced
high in a short time after turning off then it stays turned on with all the subsequent effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25