전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2813 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN2813
상세설명  TDE1708DFT in IO-Link applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2813 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN2813 Datasheet HTML 10Page - STMicroelectronics AN2813 Datasheet HTML 11Page - STMicroelectronics AN2813 Datasheet HTML 12Page - STMicroelectronics AN2813 Datasheet HTML 13Page - STMicroelectronics AN2813 Datasheet HTML 14Page - STMicroelectronics AN2813 Datasheet HTML 15Page - STMicroelectronics AN2813 Datasheet HTML 16Page - STMicroelectronics AN2813 Datasheet HTML 17Page - STMicroelectronics AN2813 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Push-pull configuration with TDE1708DFT
AN2813
14/25
Doc ID 14923 Rev 1
Figure 14.
Push-pull test configuration schematic
The low-side driver helps to reduce the falling time with the capacitive load, the rest of the
circuit works exactly the same way as that described in Section 2.1. Figure 17 shows a
software timing example in accordance with Table 2 and a dead time between the driver
outputs of 1 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25