전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2929 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 AN2929
상세설명  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 24Page - STMicroelectronics AN2929 Datasheet HTML 25Page - STMicroelectronics AN2929 Datasheet HTML 26Page - STMicroelectronics AN2929 Datasheet HTML 27Page - STMicroelectronics AN2929 Datasheet HTML 28Page - STMicroelectronics AN2929 Datasheet HTML 29Page - STMicroelectronics AN2929 Datasheet HTML 30Page - STMicroelectronics AN2929 Datasheet HTML 31Page - STMicroelectronics AN2929 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AN2929
Testing the board
Doc ID 15333 Rev 2
29/32
2.9
EMI measurements
A pre-compliance test for EN55022 (Class B) European normative was also performed and
the results are shown in the two figures below.
Figure 32.
115 VAC
Figure 33.
230 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32