전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2929 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 AN2929
상세설명  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 24Page - STMicroelectronics AN2929 Datasheet HTML 25Page - STMicroelectronics AN2929 Datasheet HTML 26Page - STMicroelectronics AN2929 Datasheet HTML 27Page - STMicroelectronics AN2929 Datasheet HTML 28Page - STMicroelectronics AN2929 Datasheet HTML 29Page - STMicroelectronics AN2929 Datasheet HTML 30Page - STMicroelectronics AN2929 Datasheet HTML 31Page - STMicroelectronics AN2929 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Conclusion
AN2929
30/32
Doc ID 15333 Rev 2
3
Conclusion
The presented flyback converter is suitable for different applications and can be used as an
external adapter or as an auxiliary power supply in consumer products. Special attention
was given to low-load performance and the bench results are good with very low input
power in light-load condition. The efficiency was compared to the requirements of the
ENERGY STAR® program (version 2.0) for external AC/DC adapters with very good results
in that the measured active mode efficiency was always higher than the minimum required.
4
References
[1] ENERGY STAR® program requirements for single voltage external AC-DC adapter
(Version 2.0)
[2] VIPER27 datasheets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32