| 전자부품 데이터시트 검색엔진 |
|
AN2983 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2983 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 32 page ![]() AN2983 Circuit description Doc ID 15679 Rev 1 7/32 Other than the power and ground connections being exchanged, there are no differences between the two configurations; the behavior and dimensioning of the inverse buck are the same as that of the standard buck. Refer to application note AN2928(a) for a detailed description and design rules. The following are a reminder of the fundamental applicable equations. Inductor current variation (charging period) Equation 1 Inductor current variation (discharging period) Equation 2 The circuit works in continuous conduction mode, then in steady-state the current variations during ton and toff are the same (in module) and equivalent to the ripple current I_rip. Ripple current Equation 3 Duty cycle Equation 4 Additionally, the average current of the LED can be expressed as: Figure 4. Standard buck converter Figure 5. Inverse buck converter a. See Chapter 5: References on page 30. ton L VLed Vin ton _ I ∗ ⎥⎦ ⎤ ⎢⎣ ⎡ − = Δ toff L VLed toff _ I ∗ ⎥⎦ ⎤ ⎢⎣ ⎡ = Δ toff _ I ton _ I rip _ I Δ = Δ = ⎥⎦ ⎤ ⎢⎣ ⎡ = ⎥⎦ ⎤ ⎢⎣ ⎡ = Vin VLed T ton D |