| 전자부품 데이터시트 검색엔진 |
|
AN2983 데이터시트(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2983 데이터시트(HTML) 22 Page - STMicroelectronics |
|
22 / 32 page ![]() Circuit description AN2983 22/32 Doc ID 15679 Rev 1 2.8 Open-/short-circuit protection As indicated, one of the requirements is that the module can sustain open and short circuits indefinitely and restart the correct functionality as soon as the fault is removed. From the "open circuit" point of view the module is intrinsically safe: if the load is disconnected, no current runs through the sense resistor and the controller drives the power MOSFET transistor in conduction and pin 10 of the J1 connector to ground. Whenever the load is reconnected, the current restarts to flow and normal operation is resumed. The short-circuit condition is more critical. At the end of the toff delay, the power MOSFET is turned on, the current starts to flow and charges the inductor, and the voltage on the sense resistor quickly reaches the threshold level. However, because of the controller’s internal delay (175 nS nom.) the power MOSFET does not shut down immediately; as such, a minimal amount of energy is still transferred to the inductor, but during the toff time – since the load is a short-circuit – this energy is NOT dissipated. The result is that the load current rises abnormally, leading to catastrophic failure unless the cycle is blocked. For this reason the circuit outlined in Figure 22 has been introduced. Figure 22. Short-circuit protection In normal conditions the voltage developed across the sense resistor is not sufficient to turn on Q3. The INV pin of the controller is then at: Equation 50 On the other hand, in the case of a short-circuit, the load current increases until Q3 goes in conduction, C5 is discharged and the INV pin goes to: Equation 51 The controller then shuts down, the power MOSFET stops conducting, the inductor discharges and the load current decays to zero. Since no current flows through the sense V 44 . 1 ) K 22 K 33 K 220 ( K 22 * ) V 18 ( 9 R 7 R 6 R 9 R * ) Vcc ( = ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ + + = ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + V 1 . 0 V ) 4 . 0 ( * ) 25 . 0 ( ) K 22 K 33 ( K 22 * ) V 25 . 0 ( 9 R 7 R 9 R * ) sat _ Vce _ 3 Q ( = = ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ + = ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + |