전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3065 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 AN3065
상세설명  100 W transition-mode PFC pre-regulator with the L6563S
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3065 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button AN3065 Datasheet HTML 20Page - STMicroelectronics AN3065 Datasheet HTML 21Page - STMicroelectronics AN3065 Datasheet HTML 22Page - STMicroelectronics AN3065 Datasheet HTML 23Page - STMicroelectronics AN3065 Datasheet HTML 24Page - STMicroelectronics AN3065 Datasheet HTML 25Page - STMicroelectronics AN3065 Datasheet HTML 26Page - STMicroelectronics AN3065 Datasheet HTML 27Page - STMicroelectronics AN3065 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Test results and significant waveforms
AN3065
24/33
Doc ID 16279 Rev 2
The EVL6563S-100W offers the possibility to test these functions by connecting it to the
cascaded converter via the series resistors R28, R29, R30. Regarding the PWM_STOP (pin
#9) pin that is an open collector type, if it needs a pull-up resistor, please connect it close to
the cascaded PWM for better noise immunity.
Figure 32.
Interface circuits that let the L6563S
switch on or off a PWM controller,
not latched
Figure 33.
Interface circuits that let the L6563S
switch on or off a PWM controller,
latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33