전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3065 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN3065
상세설명  100 W transition-mode PFC pre-regulator with the L6563S
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3065 데이터시트(HTML) 4 Page - STMicroelectronics

  AN3065 Datasheet HTML 1Page - STMicroelectronics AN3065 Datasheet HTML 2Page - STMicroelectronics AN3065 Datasheet HTML 3Page - STMicroelectronics AN3065 Datasheet HTML 4Page - STMicroelectronics AN3065 Datasheet HTML 5Page - STMicroelectronics AN3065 Datasheet HTML 6Page - STMicroelectronics AN3065 Datasheet HTML 7Page - STMicroelectronics AN3065 Datasheet HTML 8Page - STMicroelectronics AN3065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Main characteristics and circuit description
AN3065
4/33
Doc ID 16279 Rev 2
1
Main characteristics and circuit description
The main characteristics of the SMPS are listed below:
●
Line voltage range: 90 to 265 Vac
●
Minimum line frequency (fL): 47 Hz
●
Regulated output voltage: 400 V
●
Rated output power: 100 W
●
Maximum 2fL output voltage ripple: 20 V pk-pk
●
Hold-up time: 10 ms (VDROP after hold-up time: 300 V)
●
Minimum switching frequency: 40 kHz
●
Minimum estimated efficiency: 92% (at Vin = 90 Vac, Pout = 100 W)
●
Maximum ambient temperature: 50 °C
●
PCB type and size: single side, 35 µm, CEM-1, 90 x 83 mm
This demonstration board implements a power factor correction (PFC) pre-regulator,100 W
continuous power, on a regulated 400 V rail from a wide-range mains voltage and provides
for the reduction of the mains harmonics, allowing to meet the European EN61000-3-2 or
the Japanese JEITA-MITI standard. The regulated output voltage is typically the input for the
cascaded isolated DC-DC converter that provides the output rails required by the load.
The board is designed to allow full-load operation in still air.
The power stage of the PFC is a conventional boost converter, connected to the output of
the rectifier bridge D1. It is completed by the coil L2, the diode D3 and the capacitor C6. The
boost switch is represented by the power MOSFET Q1. The NTC R1 limits the inrush
current at switch-on. It has been connected on the DC rail, in series to the output electrolytic
capacitor, in order to improve the efficiency during low line operation because the RMS
current flowing into the output stage is lower than current flowing into the input one at the
same input voltage, thus increasing efficiency. The board is equipped with an input EMI filter
necessary to filter the commutation noise coming from the boost stage.
At startup the L6563S is powered by the capacitor C11 that is charged via the resistors R7
and R16. Then the L2 secondary winding and the charge pump circuit (C7, R4, D4 and D5)
generate the Vcc voltage powering the L6563S during normal operation. The L2 secondary
winding is also connected to the L6563S pin #11 (ZCD) through the resistor R5. Its purpose
is supply the information that L2 has demagnetized, needed by the internal logic for
triggering a new switching cycle.
The divider R9, R12, R17 and R19 provides the L6563S multiplier with the information of the
instantaneous mains voltage that is used to modulate the peak current of the boost.
The resistors R2, R8, R10 with R13 and R14 are dedicated to sense the output voltage and
feed back to the L6563S the information necessary to regulate the output voltage. The
components C9, R18 and C8 constitute the error amplifier compensation network necessary
to keep the required loop stability.
The peak current is sensed by resistors R25 and R26 in series to the MOSFET and signal is
fed into pin #4 (CS) of the L6563S via the filter composed of R24 and C15.
C13, R27 and R32 connected to pin #5 (VFF) complete an internal peak-holding circuit that
derives the information on the RMS mains voltage. The voltage signal at this pin, a DC level
equal to the peak voltage on pin #3 (MULT), is fed to a second input to the multiplier for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com