전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3112 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 AN3112
상세설명  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button AN3112 Datasheet HTML 27Page - STMicroelectronics AN3112 Datasheet HTML 28Page - STMicroelectronics AN3112 Datasheet HTML 29Page - STMicroelectronics AN3112 Datasheet HTML 30Page - STMicroelectronics AN3112 Datasheet HTML 31Page - STMicroelectronics AN3112 Datasheet HTML 32Page - STMicroelectronics AN3112 Datasheet HTML 33Page - STMicroelectronics AN3112 Datasheet HTML 34Page - STMicroelectronics AN3112 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AN3112
Design example using the L6564-FOT PFC Excel® spreadsheet
Doc ID 16820 Rev 3
31/36
5
Design example using the L6564-FOT PFC Excel®
spreadsheet
An Excel spreadsheet has been developed to allow a quick and easy design of a boost PFC
pre-regulator using the STMicroelectronics L6564 controller, operating in fixed-off-time.
Figure 21 shows the first sheet precompiled with the input design data used in Section 4:
Designing a fixed-off-time PFC.
Figure 19.
Excel spreadsheet design specification input table
Figure 20.
Other design data
The tool is able to generate a complete parts list of the PFC schematic represented in
Figure 21, including the power dissipation calculation of the main components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36