| 전자부품 데이터시트 검색엔진 |
|
AN3112 데이터시트(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3112 데이터시트(HTML) 33 Page - STMicroelectronics |
|
33 / 36 page ![]() AN3112 Design example using the L6564-FOT PFC Excel® spreadsheet Doc ID 16820 Rev 3 33/36 Figure 22. Excel spreadsheet BOM 400 W FOT PFC BASED ON L6564 BILL OF MATERIAL Selected Value Unit [ ] BRIDGE RECTIFIER D15XB60 MOSFET P/N 2 x STP12NM50PF DIODE P/N STTH8R06 Inductor L 500 µH Max peak Inductor current Ilpkx 9.67 A Sense resistor Rsx 0.12 Ω Power dissipation Ps 2.14 W INPUT Capacitor Cin 1 µF OUTPUT Capacitor Cout 330 µF Pin3 - MULT Divider Rmult L 51 k Ω Rmult H 6900 k Ω ZCD FOT circuit Rzcd1 15 k Ω Rzcd2 1 k Ω Rzcd3 1.5 k Ω Czcd1 220 pF Czcd2 100 pF Diode P/N 1N4148 pnp-BJT P/N BC857C Feedback Divider RoutH 3000 k Ω RoutL 18.8 k Ω Output divider for PFC_OK RL 51 k Ω RH 8800 k Ω Compensation Network CcompP 100 nF CcompS 1000 nF RcompS 56 k Ω Voltage Feedforward CFF 1000 nF RFF 1000 k Ω IC Controller L6564 |