전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3134 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN3134
상세설명  EVAL6229QR demonstration board using the L6229Q DMOS driver for a three-phase BLDC motor control application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3134 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN3134 Datasheet HTML 2Page - STMicroelectronics AN3134 Datasheet HTML 3Page - STMicroelectronics AN3134 Datasheet HTML 4Page - STMicroelectronics AN3134 Datasheet HTML 5Page - STMicroelectronics AN3134 Datasheet HTML 6Page - STMicroelectronics AN3134 Datasheet HTML 7Page - STMicroelectronics AN3134 Datasheet HTML 8Page - STMicroelectronics AN3134 Datasheet HTML 9Page - STMicroelectronics AN3134 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Demonstration board description
AN3134
6/10
Doc ID 16960 Rev 1
The input lines EN, BRAKE and F/R are connected to ground through a pull-down resistor
which sets the default logic level to “low”. An external signal can be applied to change each
input status. The Hall effect inputs H1, H2 and H3 have a pull-up resistor connected to the
VDD voltage, which can be provided by the VDD pin.
A charge pump circuit, made up of D1, C3 and C4, generates the supply voltage for the
high-side integrated MOSFETs. Due to voltage and current switching at relatively high
frequency, these components are connected through short paths in order to minimize
induced noise in other circuits.
R4 and C5 are used by the integrated overcurrent protection circuitry to set the protection
timings (disable time tDISABLE is about 200 µs and delay time tDELAY is about 1 µs, based on
the values in Table 3).
R8 and C6 are used to set the off-time tOFF of the PWM to about 50 µs. When changing the
RC network value, the off-time should be adjusted according to the electrical characteristics
and supply voltage of the motor.
R11, R12 and C8 are low-pass filters to provide an external reference voltage through the
PWM output of a microcontroller.
R9 and C7 are used to set the off-time tPULSE of the TACHO pin. The TACHO output signal
can be used to implement a simple frequency-to-voltage converter (speed loop control).
Figure 4, Figure 5 and Figure 6 show the component placement and the two-layer layout of
the EVAL6229QR demonstration board. A GND area is used for the IC power dissipation.
Table 3.
EVAL6229QR component list
Part reference
Part value
Part description
C1
220nF/100V
Capacitor
C2
100µF/63V
Capacitor
C3
10nF/25V
Capacitor
C4, C8
220nF/25V
Capacitor
C5
5.6nF
Capacitor
C6
820pF
Capacitor
C7
10nF
Resistor
D1
BAT46SW
Diodes
R1, R2, R3, R4
100k
Ω 5% 0.25W
Resistor
R5, R6, R7
10k
Ω 5% 0.25W
Resistor
R8
100k
Ω 1% 0.25W
Resistor
R9
20k
Ω 1% 0.25W
Resistor
R10
0.4
Ω 1W
Resistor
R11
20k
Ω 5% 0.25W
Resistor
R12
2k
Ω 5% 0.25W
Resistor
U1
L6229Q
3-phase BLDC motor driver in VFQFPN5x5



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com