전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3134 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 AN3134
상세설명  EVAL6229QR demonstration board using the L6229Q DMOS driver for a three-phase BLDC motor control application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3134 데이터시트(HTML) 1 Page - STMicroelectronics

  AN3134 Datasheet HTML 1Page - STMicroelectronics AN3134 Datasheet HTML 2Page - STMicroelectronics AN3134 Datasheet HTML 3Page - STMicroelectronics AN3134 Datasheet HTML 4Page - STMicroelectronics AN3134 Datasheet HTML 5Page - STMicroelectronics AN3134 Datasheet HTML 6Page - STMicroelectronics AN3134 Datasheet HTML 7Page - STMicroelectronics AN3134 Datasheet HTML 8Page - STMicroelectronics AN3134 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2010
Doc ID 16960 Rev 1
1/10
AN3134
Application note
EVAL6229QR demonstration board using the L6229Q DMOS
driver for a three-phase BLDC motor control application
Introduction
This application note describes the EVAL6229QR demonstration board for the L6229Q
DMOS fully integrated three-phase brushless DC motor driver. The board implements a
typical application that can be used as a demonstration platform for driving three-phase
brushless DC motors with currents up to 1 A DC.
Thanks to the small footprint of the L6229Q (QFN 5x5 mm), the board is a very compact
30x32 mm.
Figure 1.
EVAL6229QR demonstration board
www.st.com


유사한 부품 번호 - AN3134

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
AN313 SILABS-AN313 Datasheet
120Kb / 6P
USING THE Si3400 AND Si3401 IN HIGH POWER APPLICATIONS
logo
STMicroelectronics
AN3132 STMICROELECTRONICS-AN3132 Datasheet
314Kb / 24P
Configuring the SPEAr600
06-Jan-2010
AN3133 STMICROELECTRONICS-AN3133 Datasheet
606Kb / 43P
A real-time clock is a computer clock that keeps track of the current time
21-Nov-2012
AN3137 STMICROELECTRONICS-AN3137 Datasheet
697Kb / 42P
Analog-to-digital converter on STM8L and STM8AL devices
15-Nov-2012
AN3139 STMICROELECTRONICS-AN3139 Datasheet
806Kb / 63P
Migration and compatibility guidelines for STM8L microcontroller applications
08-Sep-2011
More results

유사한 설명 - AN3134

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6235 STMICROELECTRONICS-L6235 Datasheet
434Kb / 25P
DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
REV BRAKE
L6229 STMICROELECTRONICS-L6229 Datasheet
582Kb / 25P
DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
Rev. 3
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
DMOS THREE-PHASE PWM MOTOR DRIVER
logo
STMicroelectronics
L6229Q STMICROELECTRONICS-L6229Q Datasheet
527Kb / 28P
DMOS driver for three-phase brushless DC motor
30-Aug-2010
L6230 STMICROELECTRONICS-L6230 Datasheet
583Kb / 24P
DMOS driver for three-phase brushless DC motor
07-Jun-2011
UM0723 STMICROELECTRONICS-UM0723 Datasheet
826Kb / 48P
1 kW three-phase motor control demonstration board
28-Jun-2011
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
The L6230 DMOS driver for three-phase brushless DC motor
29-Jan-2013
EVAL6235PD STMICROELECTRONICS-EVAL6235PD Datasheet
1Mb / 10P
L6235 three-phase brushless DC motor driver demonstration board
25-Aug-2011
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com