전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSK196RH 데이터시트(PDF) 2 Page - M.S. Kennedy Corporation

부품명 MSK196RH
상세설명  Low Dose Rate Hardened to 50 Krad(Si) (Method 1019.7 Condition D)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSK [M.S. Kennedy Corporation]
홈페이지  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK196RH 데이터시트(HTML) 2 Page - M.S. Kennedy Corporation

  MSK196RH_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1
2
3
4
5
6
7
8
9
10
11
Input Voltage (+IN, -IN to V-)
Differential Input Voltage
Total Supply Voltage from V-
Output Short Circuit Duration
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
Case Operating Temperature Range
MSK196VRH, HRH, KRH
MSK196RH
MSK196EDU
ESD Rating
2
-65°C to +150°C
300°C
150°C
-55°C to+125°C
-40°C to +85°C
-40°C to +85°C
Class 1B
-9.5V to 44V
44V
36V
Indefinite
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TJ
TC
ELECTRICAL SPECIFICATIONS
9
VIN
VCC
Unless otherwise specified; V+=12V, V-=0V, VS+=12V, RIN1=RIN2 =100W, ROUT=5K(AV = 50), VSENSE=(VS+)-(VS-).
Guaranteed by design but not tested.
Typical parameters are representative of device performance but are for reference only.
A heat sink may be required to keep the junction temperature below absolute maximum ratings.
Industrial grade devices shall be tested to subgroup 1 and 4 unless otherwise specified.
Military grade devices (“V, K, H” suffix) shall be 100% tested to subgroups 1,2,3, and 4
Subgroup 5 & 6 testing available upon request.
Subgroup 1,4
TC = +25°C
Subgroup 2,5
TC = +125°C
Subgroup 3,6
TC = -55°C
Continuous operation at or above absolute maximum ratings may adversely affect the device performance and/or life cycle.
Pre and post irradiation limits at 25°C, up to 100 Krad(Si) TID (Condition A) and 50 Krad(Si) TID (Condition D),
are identical unless otherwise specified.
MSK196EDU does not use Rad Hard die, post irradiation specifications are not applicable.
4
NOTES:
11
8548-54 Rev. L 10/14



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com