전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSK196RH 데이터시트(PDF) 1 Page - M.S. Kennedy Corporation

부품명 MSK196RH
상세설명  Low Dose Rate Hardened to 50 Krad(Si) (Method 1019.7 Condition D)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSK [M.S. Kennedy Corporation]
홈페이지  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK196RH 데이터시트(HTML) 1 Page - M.S. Kennedy Corporation

  MSK196RH_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK196RH_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Manufactured using
RH6105 Dice
Radiation Hardened to 100 Krad(Si) (Method 1019.7 Condition A)
Low Dose Rate Hardened to 50 Krad(Si) (Method 1019.7 Condition D)
Neutron Tested to 5X10 n/cm² (Method 1017.2)
MIL-PRF-38535 Class V Screening and Order-Specific QCI Available
MIL-PRF-38534 Class H or K Screening Available
Very Wide Input Common Mode Range
Extends 44V Above V- (Independent of V+)
Extends -0.3V Below V-
Wide Power Supply Range: 2.85V to 36V
Input Offset Voltage: 400μV Maximum
Gain Accuracy: 1% Max
Gain Configurable with External Resistors
Operating Current: 195μA typ.
Slew Rate: 2V/μs
Sense Input Current When Powered Down: <1μA
Full-Scale Output Current: 1mA Minimum
Non-Rad Hard EDU's Available
M.S.KENNEDY CORP.
FEATURES:
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
196RH
RAD HARD PRECISION
RAIL TO RAIL
CURRENT SENSE
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
1
1
2
3
4
5
DESCRIPTION:
EQUIVALENT SCHEMATIC
CASE=ISOLATED
The MSK196RH is a radiation hardened precision micropower current sense amplifier with a very wide input common mode
range. With Over-the-Top® Technology, the MSK196RH is capable of sensing in high side or low side applications.This combined
with external gain setting, and common mode and power supply rejection in excess of 100dB, make the MSK196RH well suited
for a variety of current sensing applications. The MSK196RH is hermetically sealed in a 10 pin ceramic flat pack, and is available
with straight or gull wing lead form.
High Side or Low Side Current Sensing
Current Monitoring on Positive or Negative Supply Voltages
Battery Monitoring
Fuse MOSFET Monitoring
Power Management
10
9
8
7
6
-IN
V+
NC
V-
NC
+IN
NC
NC
VOUT
NC
8548-54 Rev. L 10/14
11


유사한 부품 번호 - MSK196RH_15

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
MSK196RH ANAREN-MSK196RH Datasheet
1Mb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
More results

유사한 설명 - MSK196RH_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MNDS26F32M-X-RH NSC-MNDS26F32M-X-RH Datasheet
313Kb / 12P
QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
logo
International Rectifier
OMR9807SC IRF-OMR9807SC Datasheet
146Kb / 5P
200 Krad(Si) Ultra Low Dropout Linear Regulator Hermetic Package
GSELD-IRUH3301 IRF-GSELD-IRUH3301 Datasheet
74Kb / 18P
Enhanced Low Dose Rate Sensitivity
GSIONLDIRUH33P253B1M IRF-GSIONLDIRUH33P253B1M Datasheet
306Kb / 10P
Low Dose Test Report
logo
M.S. Kennedy Corporatio...
MSK0002RH MSK-MSK0002RH_15 Datasheet
305Kb / 5P
Radiation Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
MSK0041RH MSK-MSK0041RH_15 Datasheet
209Kb / 6P
Total Dose Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
MSK198RHL MSK-MSK198RHL_15 Datasheet
952Kb / 7P
Total Dose Tested to 100 Krads(Si) (Method 1019.7 Condition A)
MSK496RH MSK-MSK496RH_15 Datasheet
589Kb / 7P
Low Dose Rate Hardened to 50 Krad(Si) (Method 1019.7 Condition D)
MSK4231RH MSK-MSK4231RH_15 Datasheet
752Kb / 8P
Total Dose Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
MSK4204RH MSK-MSK4204RH_15 Datasheet
368Kb / 6P
Total Dose Hardened To TBD Krad(Si) (Method 1019.8 Condition A)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com